PART |
Description |
Maker |
D388-A8AA D388-A8KA D388-A8KL D388-A8LD D388-A8ML |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.7mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.5mm, PANEL MOUNT
|
THE CHERRY CORP
|
185BW CAMPKCOMPONENTSINC-TFCFF5SA105BW TFCCF5VT255 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 4.24mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.19mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 11.56mm, PANEL MOUNT
|
C & K COMPONENTS INC
|
D2HW-BL202M D2HW-BL211M D2HW-BL213MR D2HW-BL211DL |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 12VDC, 1.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 12VDC, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 12VDC, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 12VDC, 1.6mm, THROUGH HOLE-RIGHT ANGLE
|
|
ZMA00A150P00C ZMA00A150P00PC ZMA150P00PC ZMA03A150 |
Subminiature Snap-acting Switches SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.68mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.8mm, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
B3-21142 B3-21111 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 28VDC, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8A, 28VDC, THROUGH HOLE-STRAIGHT
|
OTTO ENGINEERING INC
|
F82X-A12L |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 6A, 30VDC, 8mm, PANEL MOUNT
|
THE CHERRY CORP
|
MY-COML75P/S35L |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 24VDC, 0.6mm, PANEL MOUNT-THREADED
|
Vishay Intertechnology, Inc.
|
KSM6161LFG |
Side Actuated Detect Switches SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 32VDC, 1.72mm, SURFACE MOUNT-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
GKDA3M8 GKCC3M8 GKBC3M8 GKDC2L6 GKDC30N6 GKDC2M7 G |
SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 3PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
DDS001 DDS002 DDS003 |
Micro Mini Thru-hole Detect Switches SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 2mm, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
GSCB01A1-C028 GSCB04A1B-C028 GSCB06A1-C028 GSCB04A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, 53.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, 53.5mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
|